Part Number Hot Search : 
X24165IG MTM8N20 MC342305 11TV1 SSD2504S CD9013J HD404918 2762I
Product Description
Full Text Search
 

To Download BZX84C3V9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
FEATURES
Planar Die Construction. 350mw Power Dissipation. Zener Voltages From 2.4V -51V Ideally Suited For Automated Assembly Prcesses.
Production specification
350mW Surface Mount Zener Diode BZX84C2V4-BZX84C51
Pb
Lead-free
APPLICATIONS
350Mw Surface mount zener diode
ORDERING INFORMATION
Type No. BZX84C2V4-BZX84C51 Marking See Table on page2 Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Characteristic Symbol Value Unit
Forward Valtage@IF=10mA
VF
0.9
V
Power Dissipation Thermal Resistance, Junction to Ambient Air
Pd
350
mW
RjA
357
/W
Operating and Storage Temperature Range
TjTstg
-65 to+150
Notes: 1. Valid provided that device terminals are kept at ambient temperature. 2. Tested with pulses, 300s pulse width, period = 5ms. 3. f = 1KHz.
Document number: BL/SSZDC045 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Production specification
350mW Surface Mount Zener Diode BZX84C2V4-BZX84C51
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Maximum Reverse Current Typical Temperature Coefficient @IZT mV/
Zerner Voltage Range Type Number Marking Code VZ@IZT Nom(V) BZX84C2V4 BZX84C2V7 BZX84C3V0 BZX84C3V3 BZX84C3V6 BZX84C3V9 BZX84C4V3 BZX84C4V7 BZX84C5V1 BZX84C5V6 BZX84C6V2 BZX84C6V8 BZX84C7V5 BZX84C8V2 BZX84C9V1 BZX84C10 BZX84C11 Z11 Z12 Z13 Z14 Z15 Z16 Z17 Z1 Z2 Z3 Z4 Z5 Z6 Z7 Z8 Z9 Y1 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 Min(V) 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 Max(V) 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 IZT (mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Zener Impedance
ZZT@IZT () 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20
ZZK@IZK () 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
IR (A) 50 20 10 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1
VR Min (V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 0 0 0 0 0 0 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 Max
Document number: BL/SSZDC045 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Production specification
350mW Surface Mount Zener Diode BZX84C2V4-BZX84C51
Maximum Reverse Current Typical Temperature Coefficient @IZT mV/
Zerner Voltage Range Type Number Marking Code VZ@IZT Nom(V) BZX84C12 BZX84C13 BZX84C15 BZX84C16 BZX84C18 BZX84C20 BZX84C22 BZX84C24 BZX84C27 BZX84C30 BZX84C33 BZX84C36 BZX84C39 BZX84C43 BZX84C47 BZX84C51 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 Y10 Y11 Y12 Y13 Y14 Y15 Y16 Y17 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 Min(V) 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28.0 31.0 34.0 37.0 40.0 44.0 48.0 Max(V) 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32.0 35.0 38.0 41.0 46.0 50.0 54.0 IZT (mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
Maximum Zener Impedance
ZZT@IZT () 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180
ZZK@IZK () 150 170 200 200 225 225 250 250 300 300 325 350 350 375 375 400 (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
IR (A) 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
VR Min (V) 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.2 27.3 30.1 32.9 35.7 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 10.0 10.0 10.0 10.0 11.0 13.0 14.0 16.0 18.0 20.0 22.0 25.3 29.4 33.4 37.4 41.2 12.0 12.0 12.0 Max
Document number: BL/SSZDC045 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
Production specification
350mW Surface Mount Zener Diode BZX84C2V4-BZX84C51
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSZDC045 Rev.A
www.galaxycn.com 4
BL Galaxy Electrical
PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
350mW Surface Mount Zener Diode BZX84C2V4-BZX84C51
SOT-23
SOT-23
Dim A B C D Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35 Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
J
E G H
H C
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device BZX84C2V4-BZX84C51 Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSZDC045 Rev.A
www.galaxycn.com 5


▲Up To Search▲   

 
Price & Availability of BZX84C3V9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X